PART |
Description |
Maker |
NVS01YG-M6-G NVD0.5YHH-M6-G NVS0.5YH-M6-G NVD01YGG |
1-OUTPUT 6 W DC-DC REG PWR SUPPLY MODULE ROHS COMPLIANT, SMT-14 6W SMT Converter Wide Input 3.3V to 24V Outputs
|
Power-One, Inc. POWER-ONE INC
|
FM5820-AN FM5822-AN FM5821-AN |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type SMT .1" PITCH SINGLE VERTICAL ROW 2 PIN HEADER SMT 肖特基二极管芯片-硅外延式龙门
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
ISHXX |
SMT SMT Power Inductor
|
ice Components
|
SFH3201 |
NPN-Silizium-Fototransistor im SMT-Gehuse Silicon NPN Phototransistor in SMT Package
|
Infineon
|
MTSM635K-G MTSM635K-HR MTSM635K-HRG MTSM635KM-UG M |
Bi-Color Surface Mount LED Lamps 双色表面贴装发光二极 LAMP,LED RED 4MCD@10MA SMT MPC5533 DIAMONDBACK Marktech 1210 Bi−Color SMT LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
Q65110A2488 |
NPN-Silizium-Fototransistor im SMT SIDELED?-Gehause Silicon NPN Phototransistor in SMT SIDELED?-Package
|
OSRAM GmbH
|
15-91-1783 15-91-1743 15-91-1761 15-91-1741 15-91- |
CGrid SMT Hdr w/L.Peg 30 SAu 78Ckt Tub 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 74Ckt Tub 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 76Ckt Tube 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 58Ckt Tube 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 42Ckt Tub 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15911123 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 68Ckt Tub 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 68Ckt Tub 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 42Ckt Tub 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 66Ckt Tub 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 48Ckt Tube 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 66Ckt Tub 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 42Ckt Tube 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15911341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 38Ckt Tub 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 30 SAu 10Ckt Tub 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 40Ckt Tube 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 46Ckt Tube 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg 15 SAu 46Ckt Tube 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Hdr w/L.Peg Tin 30Ckt Tube CGrid SMT Hdr w/L.Peg 30 SAu 6Ckt Bulk
|
Molex, Inc. MOLEX INC
|
15-91-3214 15-91-3073 15-91-2065 15-91-2255 15-91- |
SL SMT RA Hdr Tin 21Ckt 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,SURFACE MOUNT Terminal 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/Pegs 30Au 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 3Ckt 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr /Pgs Tin 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Multipole Connector; Number of Contacts:5; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/PCB Pegs Tin 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL SMT RA Hdr PCB Pgs 30 SAu 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30Au 5Ckt T&R 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL RA SMT Hdr TPg 30 SAu 15Ckt SL SMT RA Hdr 15 SAu 18Ckt HDR SMD 6 PIN WIRE TO BOARD SHROUDED SL SMT RA Hdr Tin 5Ckt Multipole Connector; Number of Contacts:3; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold
|
Molex, Inc. PRECI-DIP SA MOLEX INC
|
P0400NL P0401NL P0402 P0403 P0402NL |
SMT POWER INDUCTORS Toroid - Tomcat Series SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
|
Pulse A Technitrol Company
|
DS1608C-102ML DS1608C-103ML DS1608C-104ML DS1608C- |
SMT Power Inductors Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 20% tol, SMT, RoHS 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
|